|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VERSION 1.0 2002 PCI 9656 Connectivity s s 64-bit, 66MHz PCI r2.2 compliant Motorola PowerQUICC and generic 32-bit, 66MHz local bus modes 3.3V I/O, 5V tolerant bus interfaces PICMG 2.1 r2.0 Hot Swap Silicon 272-ball, 27 x 27 mm, 1.27 mm pitch PBGA Zero wait state burst operation 64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICCTM & Generic 32-bit, 66MHz Local Bus Designs Maximum PCI Bandwidth for Your 32-bit Local Bus Applications The PCI 9656 offers flexible connectivity and high performance I/O acceleration features to enable leading edge PCI, CompactPCI, and embedded host designs. Motorola(R) MPC 850/860 PowerQUICC Designs The PCI 9656 is the perfect match for the industry leading 32-bit communication processor, the Motorola MPC 850/860 PowerQUICC. The PCI 9656 provides a direct connection to PowerQUICC devices, enabling high-speed 64-bit, 66MHz PCI performance with its Data Pipe ArchitectureTM technology. Generic 32-bit, 66MHz Local Bus Designs The PCI 9656 provides direct connection to two generic industry standard interconnect buses. Designers use these 32-bit, 66MHz buses for a myriad of high-speed devices ranging from processors, to DSPs, to memories, to custom ASICs and FPGAs. The PCI 9656 Data Pipe Architecture technology enables high-speed, 64-bit, 66MHz PCI I/O with those devices. s s s Performance s - PCI bus bursts to 528 MB/sec - Local bus bursts to 264 MB/sec s 2 DMA Channels - Block and Scatter/Gather transfers - DMA descriptor ring management - Demand Mode and EOT Hardware controls s Direct Master data transfers - Generate any PCI transaction - Read ahead and programmable read prefetch counter s Move Your 32-bit Local Bus Designs Up to 64-bit, 66MHz PCI Operation As PCI evolves to meet the ever increasing I/O demands of leading edge systems, PLX continues to provide leading edge, high performance PCI I/O acceleration solutions. Based on the architecture of the industry-leading PCI 9054, the PCI 9656 offers a variety of enhancements for the needs of today's telecom, networking, and I/O adapter designs: s s s s Direct Slave data transfers - Access 8-, 16-, and 32-bit local bus devices - Deferred reads, deferred writes, read ahead, posted writes, programmable read prefetch counter 64-bit, 66MHz PCI operation 32-bit, 66MHz local bus operation Dynamic DMA descriptor ring management with Valid bit semaphore control PICMG 2.1 r2.0 Hot Swap Silicon, including Bias Voltage, Early Power, 64-bit Initialization, and Intially Not Responding Support PCI Power Management r1.1 D3COLD Power Management Event (PME) generation PCI arbiter supporting 7 external masters Reset and interrupt pins configurable for embedded host applications JTAG boundary scan Control s s I2O r1.5 messaging unit Eight mailbox and two doorbell registers PCI arbiter supports 7 external masters Host mode reset/interrupt signal configuration PCI D3COLD Power Management Event (PME) generation support Serial EEPROM interface JTAG boundary scan s s s s s The PCI 9656 is register compatible with the PCI 9054, enabling easy software migration. s s s s PCI 9656 Features The PCI 9656 64-bit, 66MHz PCI I/O accelerator is the most advanced, general-purpose bus mastering device available for Motorola MPC 850/860 PowerQUICC and generic 32-bit, 66MHz local bus based designs. The PCI 9656 incorporates PLX's industry leading Data Pipe Architecture technology, featuring DMA engines, programmable Direct Master and Direct Slave data transfer modes, and PCI messaging functions. Serial EEPROM s Store configuration register power on, reset values s s Independent 16 Qword (128 byte) read and 32 Qword (256 byte) write FIFOs Deferred reads, deferred writes, posted writes, read ahead, and programmable read prefetch counter Programmable #READY time out and recovery s An alternative to expansion ROM for storing Vital Product Data (VPD) Supports 2 Kbit/4 Kbit microwire devices with sequential read s s Data Pipe Architecture DMA Service DMA descriptors, mastering on both bus interfaces during data transfer s Two independent channels provide flexible prioritization scheme s Advanced Performance Features Common to DMA, Direct Master, and Direct Slave s Zero wait state PCI & local bus bursts s s Deep FIFOs prolong bursts Unaligned PCI and local bus transfers of any byte length On-the-fly Endian conversion Programmable local bus wait states Parity checking on both buses Interfaces PCI s 64-bit, 66MHz r2.2 operation - Zero wait state bursts to 528 MB/s - Dual Address Cycle (DAC) support as a PCI bus master - Vital Product Data (VPD) - 3.3V I/O, 5V tolerant s Each channel has its own bi-directional 32 Qword (256 byte) deep FIFO Block Mode services a single DMA descriptor in PCI 9656 registers Scatter/Gather Mode services DMA descriptor linked lists in memory s s s s s Messaging s Provides industry standard I O r1.5 2 messaging unit s PICMG 2.1 r2.0 Hot Swap Silicon - Burst descriptors from PCI or local bus memory - Descriptor lists either linear (static) or circular (dynamic) with Valid bit semaphore control s Supports general-purpose messaging for proprietary message schemes - Programming Interface 0 (P=0) - Bias Voltage Support - Early Power Support - Initially Not Responding Support s s - Eight 32-bit mailbox registers for polled environments - Two 32-bit doorbell register for interrupt driven environments Direct Hardware DMA controls PCI Hot Plug r1.0 PCI Power Management r1.1 - Demand Mode to pause/resume - End of Transfer (EOT) to abort s Embedded Host Features s s - Supports D0, D1, D2, D3HOT, & D3COLD power states - D3COLD Power Management Event (PME) generation to meet PC 2001 Windows 98/2000 communication adapter logo certification requirements Local Bus s Three local bus options on the device - M Mode: Motorola MPC 850/860 PowerQUICC and PowerPC 80x/82x - C Mode: De-multiplexed address and data buses for Intel i960(R), DSPs, custom ASICs and FPGAs, and others - J Mode: Multiplexed address and data buses for Intel i960, IBM PowerPC 401, IDT RC32364, DSPs, IOP 480, and others s Programmable local bus burst length, including infinite PCI arbiter supports 7 external masters Reset and interrupt signals configurable for embedded host operation Type 0/1 Configuration support allows local bus master to configure PCI bus and devices 272-pin PBGA - Enhanced M Mode supports bursts beyond PowerQUICC 16 byte limit Direct Master Service local bus masters by mastering on the PCI bus s Two local bus address spaces map to PCI bus: one to memory; one to I/O s s Package s - 27 mm x 27 mm, 1.27 mm ball pitch - Low power 2.5V CMOS core - 3.3V I/O, 5V tolerant - Industrial temperature range operation - IEEE 1149.1 JTAG boundary scan Generate all PCI memory and I/O transaction types, including Memory Write and Invalidate (MWI) Independent 16 Qword (128 byte) read and 32 Qword (256 byte) write FIFOs Read ahead and programmable read prefetch counter PowerQUICC deferred reads and IDMA (M mode only) s s Backward Compatibility s 32-bit, 66MHz operation s - Zero wait state bursts to 264 MB/s - 3.3V I/O, 5V tolerant - Asynchronous clock inputs to PCI and local bus The PCI 9656 register set is backward compatible with the PCI 9054, with new registers added for the new functionality enhancements Support for 32-bit, 66MHz PCI with 32-bit, 66MHz C, J, and M Local Bus support is provided by the PCI 9056 Direct Slave Service PCI bus masters by mastering on the local bus s Two general-purpose and one expansion ROM PCI address spaces map to local bus memory - Each address space may specify 8-, 16-, or 32-bit local bus data transfer Related PLX Products s - See the PCI 9056 product brief for details PCI 9656 Applications Motorola PowerQUICC Designs The PCI 9656 is ideal for MPC 850/860-based PowerQUICC designs. Targeted datacom and telecom applications include high-speed routers/switches, Frame Relay adapters, WAN/LAN controllers, and modem cards. The PCI 9656 simplifies these designs by providing an enhanced direct-connect interface to the PowerQUICC processor family. The flexible 3.3V, 5V tolerant I/O buffers, combined with local bus operation up to 66MHz, are ideally suited for current and future PowerQUICC processors. The PCI 9656 supports the PowerQUICC IDMA channels for data transfer between the integrated PowerQUICC communication channels and PCI. In addition, the PCI 9656 exploits PLX's leading edge Data Pipe Architecture technology, allowing unlimited bursts, as illustrated in the figure below. For PowerQUICC IDMA operation, the PCI 9656 transfers data to the PCI bus under the control of the IDMA handshake protocol using Direct Master transfers. 1 This is a prime example of how the PCI 9656 gives PowerQUICC designers greater flexibility in implementing multiple simultaneous I/O transfers. Generic 32-bit, 66MHz Local Bus Designs The PCI 9656 also supports two generic de facto standard bus interfaces, one with demultiplexed and the other with multiplexed address and data busses. Because of their high speed and relative simplicity, these C and J bus modes have been embraced by designers of a wide variety of devices including processors, DSPs, memories, custom ASICs, and FPGAs. CompactPCI Adapters The PCI 9656 is the ideal choice for CompactPCI adapters in industrial, telecom, and networking applications. These applications include WAN/LAN controllers, modem cards, Frame Relay adapters, and telephony cards for telecom switches and remote-access systems. The PCI 9656 has integrated key features to enable live insertion and extraction of CompactPCI Hot Swap adapters. The PCI 9656 is PICMG 2.1 r2.0 Hot Swap Silicon, supporting Programming Interface 0 (PI=0). It includes Bias Voltage and Early Power support for ease of Hot Swap board design. Further, the PCI 9656 includes an option to suppress PCI target retries during chip initialization, providing the optimal behavior for live insertion in Hot Swap systems. The PCI 9656, with its internal PCI arbiter, reset signal direction control, and Type 0/1 PCI configuration support, is ideal for CompactPCI system cards. PCI Adapters The PCI 9656 is also designed for traditional PCI adapter card applications requiring 64-bit, 66MHz PCI operation and bandwidth. Specific applications are high performance communications, networking, disk control, RAID, and data encryption adapters. Today, Power Management and Green PCs are major initiatives in traditional PCI applications. The PCI 9656 supports PCI power management, including generation of PME in the D3COLD state. This is a requirement for modem and communications adapters in Windows desktop and server systems.. Embedded Host Designs I/O intensive embedded host designs are another major application of the PCI 9656. These applications include network switches/routers, printer engines, set-top boxes, CompactPCI system cards, and industrial equipment. While the support requirements of these embedded host designs share many similarities with peripheral card designs, there are three significant differences: s A host must configure the PCI bus. The PCI 9656 supports PCI Type 0 and Type 1 configuration cycles. s Simultaneously, the two PCI 9656 DMA channels run as masters on both buses to perform bi-directional data transfers between the local bus and the PCI bus. 2 COM 1 COM 2 COM N IDMA 1 A host must provide a PCI bus arbiter. The PCI 9656 arbiter supports seven external PCI masters, enough for a CompactPCI backplane with 7 peripheral slots. For hosts, the directions of reset and interrupt signals reverse. The PCI 9656 includes a strapping option to accomplish this. In one setting, the directions are appropriate for a peripheral. In the other, they are appropriate for a host. MPC860 2 SDRAM Flash J2 s DMA 0 32-bit, 66MHz Local Bus 2 DMA 1 J1 EEPROM PCI 9656 64-bit, 66MHz PCI Bus PCI 9656 PowerQUICC CompactPCI Adapter Con guration Registers PCI Bus Local Bus DMA I2O Run-Time Serial EEPROM - User-speci ed register initialzation values - Vital Product Data PCI Arbiter 64-bit, 66MHz PCI Bus FIFOs Direct Master Read Direct Master Write PCI Master (For Direct Master Xfers) Local Slave (For Direct Master Xfers) Local Master (For DMA Ch 0/1 Xfers) Local Master (For Direct Slave Xfers) Local Bus Interface - Dynamic Bus Width (8-, 16-, or 32-bit) - Endian Conversion - Muxed or non-Muxed Address/Data Buses PCI Bus Interface PCI Master (For DMA Ch 0/1 Xfers) PCI Target (For Direct Slave Xfers) DMA Channel 0 DMA Channel 1 Dir. Slave Read Direct Slave Read Direct Slave Write Control Logic I20 Messaging Interrupts Direct Master Hot Swap Direct Slave EEPROM DMA Power Management PCI 9656 Internal Block Diagram Development Tools Support To minimize risk and lower your product development costs, PLX o ers Software Development Kits (SDKs) and Rapid Development Kits (RDKs) that support the PCI 9656. These kits enable designers to quickly bring new designs to production. PLX recognizes that software often represents the largest investment in development. The PCI 9656 is fully compliant with PLX's SDK-LITE and SDK-PRO which enable quick and easy development of high performance local processor and host PCI software through standard APIs, I 2O messaging protocols, PCI debug tools, and sample drivers. PCI 9656 design support is provided through RDKs that include a robust PCI development platform, complete with OrCAD schematics, documentation, a PCI 9656 chip sample, and software. Product Ordering Information PCI 9656-BA66BI PCI 9656-BA66BI G 64-bit, 66 MHz PCI Bus Mastering I/O Accelerator for PowerQUICC and Generic 32-bit, 66MHz Bus Based Designs 64-bit, 66 MHz PCI Bus Mastering I/O Accelerator for PowerQUICC and Generic 32-bit, 66MHz Bus Based Designs (Lead-Free) CompactPCI 9656 Rapid Development Kit with Motorola MPC860 PowerQUICC CPU and communications channels Windows Host-Side Software Development Kit for PLX I/O Accelerators and I/O Processors Windows Host-Side and Local-Side Software Development Kit for PLX I/O Accelerators and I/O Processors PCI 9656 Rapid Development Kit with prototyping area for generic Local Bus designs PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-800-759-3735 Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com CompactPCI 9656RDK-860 SDK-LITE SDK-PRO PCI 9656RDK-LITE (c) 2002 by PLX Technology, Inc. All rights reserved. PLX and Data Pipe Architecture are trademarks of PLX Technology, Inc. All oth trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and r Technology, Inc. reserves the right, without notice, to make changes in product design or speci cation. er product names that appear in this material are for identi cation purposes only and are acknowledged to be eliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX 9656-SIL-PB-P1-1.0 32-bit, 66MHz Local Bus PCI Bus State Machines Local Bus State Machines 2/02 3K |
Price & Availability of PCI9656-BA66BI |